Part Number Hot Search : 
00104 C15XS 2SC16 00030 AD7450 WP503IDT KNP400 1N3329B
Product Description
Full Text Search
 

To Download 120-105311-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  engineering data contacts ? pole formCspno ? materialCsilver alloy or copper ? terminationC 5 / 16 -24 unf-2a thread or 1 / 4 -20 unc-2a thread coils ? voltageC6 vdc through 48 vdc ? terminationC#8-32 unc-2a, #10-32 unf-2a thread or 1 / 4 quick-connect ? power (approximate) continuous 8.1 watts intermittent 14.4 watts ? connections 1. coil isolated (two terminals) 2. one coil lead grounded to bracket (one terminal) ? operate (77f/25c) 67% of nominal (int.) 75% of nominal (cont.) 110% max. safe of nominal coil voltage type 120 solenoid features ? water resistant ? capable of handling low and high current requirements ? versatile mounting and termination ra tings v olts dc 12 vdc 12 vdc 36 vdc cont. 80a 100 a 100 a elec. lif e 10,000 50,000 25,000 contact material copper silv er allo y silv er allo y inrush 400 a 400 a 400 a consult f actor y f or additional ratings . coil d ata v olts dc 6 12 14 15 24 36 48 resistance in ohms intermittent * 6.0 * 9.4 24.0 54.0 * continuous 4.0 16.0 26.0 23.0 64.0 160.0 256.0 * special coils available upon request white-rodgers dc products r-4002c 1233 general data dielectric strength ? 500 volts temperature range ? -20f to 150f (-28.9c to 65.6c) (inter - mittent) ? -20f to 120f (-28.9c to 48.9c) (con - tinuous) mechanical life (no load) ? 100,000 cycles mounting position ? recommended mounting is coil terminals up or horizontal weight (approximate) ? spnoC6.0 oz. duty cycle ? continuous ? intermittentC30 seconds on maximum and minimum 6 minutes off hardware torque specifcation ? contact terminal: 45-55 inch-lbs. ? coil terminal: 12-18 inch-lbs. st. louis, missouri markham, ontario 314-553-3600 905-948-3411 www.white-rodgers.com the emerson logo is a trademar k and a ser vice mark of emerson electr ic co .
type 120 pa rt numbering system 120 ? 1 xx x x x - x coil v oltage/duty 02 ? 6 v olt continuous 05 ? 12 v olt continuous 06 ? 12 v olt inter mittent 07 ? 14 v olt continuous 08 ? 15 v olt continuous 14 ? 24 v olt continuous 17 ? 36 v olt continuous (special, 100 ohm coil) 19 ? 36 v olt continuous 20 ? 48 v olt continuous coil t ermination (15 in-lb tor que spec.) 1 ? isolated w/ #10-32 ter minal (0.220 min. length) 2 ? grounded w/ #10-32 ter minal (0.220 min. length) 3 ? isolated w/ 1 / 4 ? q.c . ter minal 4 ? grounded w/ 1 / 4 ? q.c . ter minal 6 ? grounded w/ #8-32 tapered ter minal 7 ? isolated w/ #10-32 ter minal (0.451 min. length) 8 ? grounded w/ #10-32 ter minal (0.451 min. length) basic pa rt number series spno f actory assigned specials (where undefined, contact factory) no dash ? standard assem- bl y, hardw are sent b ulk 1 ? without hardw are 2 ? extra hardw are loosely mounted to solenoid 4 ? customer requested mar kings 5 ? mounting brac k et zinc- plated and dichromate dip 6 ? customer requested mar kings 7 ? customer requested mar kings 8 ? no hardw are , mounting brac k et as -5 option 9 ? customer requested mar kings 11 ? customer requested mar kings contact material and te rmination (55 in-lb tor que spec.) 1 ? agcdo w/ 5 / 16 ?-24 ter minal (0.388 min. length) 3 ? cu w/ 5 / 16 ?-24 ter minal (0.388 min. length) 4 ? cu w/ 1 / 4 ?-20 ter minal 5 ? agcdo w/ 5 / 16 ?-24 ter minal (0.495 min. length) mounting brac ket 1 ? standard bra cke t 2 ? ?l ? shaped brac ke t .281 wide x .400 long slo t .281 wide x .400 long slo t t erminal t ype 4 - isolated coil (l brac ket) t erminal t ype 4 - isolated coil (std brac ket) l 2.125 h max. 3.253 #10-32 unf-2a thread typ . see pa rt number ing system char t, abo ve see pa rt number ing system char t, abo ve 5 / 16 ?-24 unf-2a thread typ . #10-32 unf-2a thd (pla ces) 5 / 16 ?-24 unf-2a thd (2 pla ces) .875 .875 1.375 w 2.875 w 3.000 l 2.500 .625 1.375 2.125 .900 h max. 3.250 2.125 .625 circuit dia gram circuit dia gram r-4002c 1233 application notes ? not all part number combinations are available. please contact your sales representative for available part numbers. ? solenoids applied in battery charging circuits should be protected from higher than rated voltage during charging. the service life may be affected by this condition and the solenoid may or may not operate the circuit as intended. ? circuits should be designed to provide safe operation should the solenoid fail in either the open or closed position. ? a back-up wrench must be used to hold the bottom nut stationary during installation.
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: white-rodgers: ? 120 105751? 120 114751


▲Up To Search▲   

 
Price & Availability of 120-105311-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X